Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND512R3A2AV6 Datasheet(PDF) 37 Page - STMicroelectronics

No. de pieza NAND512R3A2AV6
Descripción Electrónicos  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2AV6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button NAND512R3A2AV6 Datasheet HTML 33Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 34Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 35Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 36Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 37Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 38Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 39Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 40Page - STMicroelectronics NAND512R3A2AV6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
37/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Table 20. AC Characteristics for Command, Address, Data Input
Note: 1. If tELWL is less than 10ns, tWLWH must be minimum 35ns, otherwise, tWLWH may be minimum 25ns.
Symbol
Alt.
Symbol
Parameter
1.8V
Devices
3V
Devices
Unit
tALLWL
tALS
Address Latch Low to Write Enable Low
AL Setup time
Min
0
0
ns
tALHWL
Address Latch High to Write Enable Low
tCLHWL
tCLS
Command Latch High to Write Enable Low
CL Setup time
Min
0
0
ns
tCLLWL
Command Latch Low to Write Enable Low
tDVWH
tDS
Data Valid to Write Enable High
Data Setup time
Min
20
20
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
E Setup time
Min
0
0
ns
tWHALH
tALH
Write Enable High to Address Latch High
AL Hold time
Min
10
10
ns
tWHALL
Write Enable High to Address Latch Low
tWHCLH
tCLH
Write Enable High to Command Latch High
CL hold time
Min
10
10
ns
tWHCLL
Write Enable High to Command Latch Low
tWHDX
tDH
Write Enable High to Data Transition
Data Hold time
Min
10
10
ns
tWHEH
tCH
Write Enable High to Chip Enable High
E Hold time
Min
10
10
ns
tWHWL
tWH
Write Enable High to Write Enable Low
W High Hold
time
Min
20
15
ns
tWLWH
tWP
Write Enable Low to Write Enable High
W Pulse Width
Min
40
25(1)
ns
tWLWL
tWC
Write Enable Low to Write Enable Low
Write Cycle time
Min
60
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com