| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NAND256W4A2AV6 Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND256W4A2AV6 Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 57 page ![]() NAND128-A, NAND256-A, NAND512-A, NAND01G-A 8/57 Table 2. Product Description Note: 1. Dual Die device. Figure 2. Logic Diagram Table 3. Signal Names Reference Part Number Density Bus Width Page Size Block Size Memory Array Operating Voltage Timings Package Random Access Max Sequential Access Min Page Program Typical Block Erase Typical NAND128-A NAND128R3A 128Mbit x8 512+16 Bytes 16K+512 Bytes 32 Pages x 1024 Blocks 1.7 to 1.95V 12µs 60ns 200µs 2ms TSOP48 USOP48 VFBGA55 NAND128W3A 2.7 to 3.6V 12µs 50ns 200µs NAND128R4A x16 256+8 Words 8K+256 Words 1.7 to 1.95V 12µs 60ns 200µs NAND128W4A 2.7 to 3.6V 12µs 50ns 200µs NAND256-A NAND256R3A 256Mbit x8 512+16 Bytes 16K+512 Bytes 32 Pages x 2048 Blocks 1.7 to 1.95V 12µs 60ns 200µs 2ms TSOP48 USOP48 VFBGA55 NAND256W3A 2.7 to 3.6V 12µs 50ns 200µs NAND256R4A x16 256+8 Words 8K+256 Words 1.7to 1.95V 12µs 60ns 200µs NAND256W4A 2.7 to 3.6V 12µs 50ns 200µs NAND512-A(1) NAND512R3A 512Mbit x8 512+16 Bytes 16K+512 Bytes 32 Pages x 4096 Blocks 1.7to 1.95V 12µs 60ns 200µs 2ms TFBGA55 NAND512W3A 2.7 to 3.6V 12µs 50ns 200µs NAND512R4A x16 256+8 Words 8K+256 Words 1.7 to 1.95V 12µs 60ns 200µs NAND512W4A 2.7 to 3.6V 12µs 50ns 200µs NAND512-A NAND512R3A 512Mbit x8 512+16 Bytes 16K+512 Bytes 32 Pages x 4096 Blocks 1.7to 1.95V 15µs 60ns 200µs 2ms TSOP48 USOP48 VFBGA63 NAND512W3A 2.7 to 3.6V 12µs 50ns 200µs NAND512R4A x16 256+8 Words 8K+256 Words 1.7 to 1.95V 15µs 60ns 200µs NAND512W4A 2.7 to 3.6V 12µs 50ns 200µs NAND01G-A NAND01GR3A 1Gbit x8 512+16 Bytes 16K+512 Bytes 32 Pages x 8192 Blocks 1.7 to 1.95V 15µs 60ns 200µs 2ms TSOP48 TFBGA63 NAND01GW3A 2.7 to 3.6V 12µs 50ns 200µs NAND01GR4A x16 256+8 Words 8K+256 Words 1.7 to 1.95V 15µs 60ns 200µs NAND01GW4A 2.7 to 3.6V 12µs 50ns 200µs AI07557C W I/O8-I/O15, x16 VDD NAND Flash E VSS WP AL CL RB R I/O0-I/O7, x8/x16 I/O8-15 Data Input/Outputs for x16 devices I/O0-7 Data Input/Outputs, Address Inputs, or Command Inputs for x8 and x16 devices AL Address Latch Enable CL Command Latch Enable E Chip Enable R Read Enable RB Ready/Busy (open-drain output) W Write Enable WP Write Protect VDD Supply Voltage VSS Ground NC Not Connected Internally DU Do Not Use |