| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74FST3400QSR Datasheet(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3400QSR Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() 74FST3400 http://onsemi.com 2 Figure 2. Logic Diagram BX0 BX2 BE BX3 BX1 C1 D1 C2 D2 C3 D3 C0 A3 B3 A2 B2 A1 B1 A0 B0 D0 ORDERING INFORMATION Device Order N mber Package Shipping† Device Order Number Package Shipping† 74FST3400DW SOIC−24 48 Units / Rail 74FST3400DWR2 SOIC−24 2500 Units / Tape & Reel 74FST3400DT TSSOP−24* (Pb−Free) 96 Units / Rail 74FST3400DTR2 TSSOP−24* (Pb−Free) 2500 Units / Tape & Reel 74FST3400QS QSOP−24 96 Units / Rail 74FST3400QSR QSOP−24 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |