Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AL/QMLR Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

No. de pieza OP27AL/QMLR
Descripción Electrónicos  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

OP27AL/QMLR Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OP27AL/QMLR Datasheet HTML 6Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 7Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 8Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 9Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 10Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 11Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 12Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 13Page - List of Unclassifed Manufacturers OP27AL/QMLR Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
13
DSCC FORM 2234
APR 97
6.3 Record of users. Military and industrial users should inform DLA Land and Maritime when a system application requires
configuration control and which SMD's are applicable to that system. DLA Land and Maritime will maintain a record of users and
this list will be used for coordination and distribution of changes to the drawings. Users of drawings covering microelectronic
devices (FSC 5962) should contact DLA Land and Maritime -VA, telephone (614) 692-0547.
6.4 Comments. Comments on this drawing should be directed to DLA Land and Maritime -VA, Columbus, Ohio 43218-3990,
or telephone (614) 692-0540.
6.5 Abbreviations, symbols, and definitions. The abbreviations, symbols, and definitions used herein are defined in
MIL-PRF-38535 and MIL-HDBK-1331.
6.6 Sources of supply.
6.6.1 Sources of supply for device classes Q and V. Sources of supply for device classes Q and V are listed in QML-38535.
The vendors listed in QML-38535 have submitted a certificate of compliance (see 3.6 herein) to DLA Land and Maritime -VA and
have agreed to this drawing.
6.6.2 Approved sources of supply for device class M. Approved sources of supply for class M are listed in MIL-HDBK-103.
The vendors listed in MIL-HDBK-103 have agreed to this drawing and a certificate of compliance (see 3.6 herein) has been
submitted to and accepted by DLA Land and Maritime -VA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com