Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AL/QMLL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza OP27AL/QMLL
Descripción Electrónicos  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

OP27AL/QMLL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OP27AL/QMLL Datasheet HTML 1Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 2Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 3Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 4Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 5Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 6Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 7Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 8Page - List of Unclassifed Manufacturers OP27AL/QMLL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
3
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings. 1/
Supply voltage (VS) ...................................................................................... 22 V
Internal power dissipation ........................................................................... 500 mW
Input voltage ................................................................................................
22 V 2/
Output short-circuit duration ........................................................................ Indefinite
Differential input voltage ..............................................................................
0.7 V 3/
Differential input current ..............................................................................
25 mA 3/
Storage temperature range ......................................................................... -65
C to +150C
Operating temperature range ...................................................................... -55
C to +125C
Lead temperature (soldering, 60 seconds) .................................................. +300
C
Junction temperature range (TJ) .................................................................. -65C to +150C
Thermal resistance, junction-to-case (
JC) .................................................. See MIL-STD-1835
Thermal resistance, junction-to-ambient (
JA):
Cases G and H ......................................................................................... 150
C/W
Case P ..................................................................................................... 119
C/W
Case 2 ...................................................................................................... 110
C/W
1.4 Recommended operating conditions.
Supply voltage (VS) ..................................................................................... 4.5 V to 18 V
Source resistor (RS) .................................................................................... 50 
Ambient operating temperature range (TA) ................................................. -55C to +125C
1.5 Radiation features:
Device type 02:
Maximum total dose available (dose rate = 50 – 300 rads(Si)/s) ................. 100 krads (Si) 4/
Device type 03:
Maximum total dose available (dose rate
 10 m rads(Si)/s) ....................... 50 krads (Si) 5/
_____
1/ Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/ For supply voltages less than
22 V, the absolute maximum input voltage is equal to the supply voltages.
3/ The device inputs are protected by back-to-back diodes. Current limiting resistors are not used in order to achieve low
noise. If differential input voltage exceeds
0.7 V, the input current should be limited to 25 mA.
4/ These parts may be dose rate sensitive in a space environment and may demonstrate enhanced low dose rate effects.
Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883,
method 1019, condition A.
5/
For device type 03, radiation end point limits for the noted parameters are guaranteed for the conditions specified in
MIL-STD-883, test method 1019, condition D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com