| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD1117D28 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1117D28 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 38 page ![]() Electrical characteristics LD1117 series 12/38 Table 10. Electrical characteristics of LD1117 (Adjustable) (refer to the test circuits, TJ = 0 to 125°C, CO = 10 µF, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit Vref Reference voltage Vin - VO = 2 V, IO = 10 mA, TJ = 25°C 1.238 1.25 1.262 V Vref Reference voltage IO = 10 to 800 mA, Vin - VO = 1.4 to 10 V 1.225 1.275 V ∆VO Line regulation Vin - VO = 1.5 to 13.75 V, IO = 10 mA 0.035 0.2 % ∆VO Load regulation Vin - VO = 3 V, IO = 10 to 800 mA 0.1 0.4 % ∆VO Temperature stability 0.5 % ∆VO Long term stability 1000 hrs, TJ = 125°C 0.3 % Vin Operating input voltage 15 V Iadj Adjustment pin current Vin ≤15 V 60 120 µA ∆Iadj Adjustment pin current change Vin - VO = 1.4 to 10 V, IO = 10 to 800 mA 1 5 µA IO(min) Minimum load current Vin = 15 V 2 5 mA IO Output current Vin - VO = 5 V, TJ = 25°C 800 950 1300 mA eN Output noise (%VO) B =10Hz to 10KHz, TJ = 25°C 0.003 % SVR Supply voltage rejection IO = 40 mA, f = 120Hz, TJ = 25°C Vin - VO = 3 V, Vripple = 1 VPP 60 75 dB Vd Dropout voltage IO = 100 mA 1 1.1 V IO = 500 mA 1.05 1.15 IO = 800 mA 1.10 1.2 Thermal regulation Ta = 25°C, 30ms Pulse 0.01 0.1 %/W |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |