| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LQM2MPN2R2G0L Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQM2MPN2R2G0L Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 48 page ![]() TS4621B Absolute maximum ratings and operating conditions Doc ID 022194 Rev 2 7/48 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.3 to 4.8 V HPVDD internal step-down DC output voltages High rail voltage Low rail voltage 1.9 1.2 V SDA, SCL Input voltage range GND to Vcc V RL Load resistor ≥ 16 Ω CL Load capacitor Serial resistor of 12 Ω minimum, RL ≥ 16 Ω 0.8 to 100 nF Toper Operating free air temperature range -40 to +85 °C Rthja Flip-chip thermal resistance junction to ambient 90 °C/W |