| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F11BBC Datasheet(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F11BBC Datasheet(HTML) 57 Page - Renesas Technology Corp |
|
57 / 143 page ![]() RL78/G1F 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85°C) R01DS0246EJ0110 Rev. 1.10 Page 57 of 140 Aug 12, 2016 CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark 1. p: CSI number (p = 00, 01, 10, 20), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0, 1, 3, 5, 7) Remark 2. CSI01 of 48-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. Input data SIp SOp tKCY1 tKL1 tKH1 tSIK1 tKSI1 tKSO1 Output data SCKp Input data Output data SIp SOp SCKp tKCY1 tKH1 tKL1 tSIK1 tKSI1 tKSO1 |