| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F100GC Datasheet(PDF) 100 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GC Datasheet(HTML) 100 Page - Renesas Technology Corp |
|
100 / 202 page ![]() RL78/G13 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 C) Page 100 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 CSI mode connection diagram (during communication at different potential) Vb Rb SCKp SOp SCK SI User device SIp SO Vb Rb <Master> RL78 microcontroller Remarks 1. Rb[ ]:Communication line (SCKp, SOp) pull-up resistance, Cb[F]: Communication line (SCKp, SOp) load capacitance, Vb[V]: Communication line voltage 2. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number , n: Channel number (mn = 00, 01, 02, 10, 12, 13), g: PIM and POM number (g = 0, 1, 4, 5, 8, 14) 3. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00)) 4. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. |