| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F100GC Datasheet(PDF) 163 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GC Datasheet(HTML) 163 Page - Renesas Technology Corp |
|
163 / 202 page ![]() RL78/G13 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 C) Page 163 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 CSI mode serial transfer timing (slave mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) SIp Input data Output data SOp tKCY2 tKL2 tKH2 tSIK2 tKSI2 tKSO2 SCKp CSI mode serial transfer timing (slave mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) SIp Input data Output data SOp tKCY2 tKL2 tKH2 tSIK2 tKSI2 tKSO2 SCKp Remarks 1. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number, n: Channel number (mn = 00, 01, 02, 10, 12. 13), g: PIM and POM number (g = 0, 1, 4, 5, 8, 14) 2. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. |