Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F104FHA Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza R5F104FHA
Descripción Electrónicos  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F104FHA Datasheet HTML 3Page - Renesas Technology Corp R5F104FHA Datasheet HTML 4Page - Renesas Technology Corp R5F104FHA Datasheet HTML 5Page - Renesas Technology Corp R5F104FHA Datasheet HTML 6Page - Renesas Technology Corp R5F104FHA Datasheet HTML 7Page - Renesas Technology Corp R5F104FHA Datasheet HTML 8Page - Renesas Technology Corp R5F104FHA Datasheet HTML 9Page - Renesas Technology Corp R5F104FHA Datasheet HTML 10Page - Renesas Technology Corp R5F104FHA Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 7 of 208
Aug 12, 2016
Note
For the fields of application, refer to Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G14.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
(4/5)
Pin count
Package
Fields of Application
Note
Ordering Part Number
64 pins
64-pin plastic LQFP
(12
× 12 mm, 0.65 mm pitch)
A
R5F104LCAFA#V0, R5F104LDAFA#V0, R5F104LEAFA#V0, R5F104LFAFA#V0,
R5F104LGAFA#V0, R5F104LHAFA#V0, R5F104LJAFA#V0
R5F104LCAFA#X0, R5F104LDAFA#X0, R5F104LEAFA#X0, R5F104LFAFA#X0,
R5F104LGAFA#X0, R5F104LHAFA#X0, R5F104LJAFA#X0
R5F104LKAFA#30, R5F104LLAFA#30
R5F104LKAFA#50, R5F104LLAFA#50
D
R5F104LCDFA#V0, R5F104LDDFA#V0, R5F104LEDFA#V0, R5F104LFDFA#V0,
R5F104LGDFA#V0, R5F104LHDFA#V0, R5F104LJDFA#V0
R5F104LCDFA#X0, R5F104LDDFA#X0, R5F104LEDFA#X0, R5F104LFDFA#X0,
R5F104LGDFA#X0, R5F104LHDFA#X0, R5F104LJDFA#X0
G
R5F104LCGFA#V0, R5F104LDGFA#V0, R5F104LEGFA#V0, R5F104LFGFA#V0,
R5F104LGGFA#V0, R5F104LHGFA#V0, R5F104LJGFA#V0
R5F104LCGFA#X0, R5F104LDGFA#X0, R5F104LEGFA#X0, R5F104LFGFA#X0,
R5F104LGGFA#X0, R5F104LHGFA#X0, R5F104LJGFA#X0
R5F104LKGFA#30, R5F104LLGFA#30
R5F104LKGFA#50, R5F104LLGFA#50
64-pin plastic LFQFP
(10
× 10 mm, 0.5 mm pitch)
A
R5F104LCAFB#V0, R5F104LDAFB#V0, R5F104LEAFB#V0, R5F104LFAFB#V0,
R5F104LGAFB#V0, R5F104LHAFB#V0, R5F104LJAFB#V0
R5F104LCAFB#X0, R5F104LDAFB#X0, R5F104LEAFB#X0, R5F104LFAFB#X0,
R5F104LGAFB#X0, R5F104LHAFB#X0, R5F104LJAFB#X0
R5F104LKAFB#30, R5F104LLAFB#30
R5F104LKAFB#50, R5F104LLAFB#50
D
R5F104LCDFB#V0, R5F104LDDFB#V0, R5F104LEDFB#V0, R5F104LFDFB#V0,
R5F104LGDFB#V0, R5F104LHDFB#V0, R5F104LJDFB#V0
R5F104LCDFB#X0, R5F104LDDFB#X0, R5F104LEDFB#X0, R5F104LFDFB#X0,
R5F104LGDFB#X0, R5F104LHDFB#X0, R5F104LJDFB#X0
G
R5F104LCGFB#V0, R5F104LDGFB#V0, R5F104LEGFB#V0, R5F104LFGFB#V0,
R5F104LGGFB#V0, R5F104LHGFB#V0, R5F104LJGFB#V0
R5F104LCGFB#X0, R5F104LDGFB#X0, R5F104LEGFB#X0, R5F104LFGFB#X0,
R5F104LGGFB#X0, R5F104LHGFB#X0, R5F104LJGFB#X0
R5F104LKGFB#30, R5F104LLGFB#30
R5F104LKGFB#50, R5F104LLGFB#50
64-pin plastic FLGA
(5
× 5 mm, 0.5 mm pitch)
A
R5F104LCALA#U0, R5F104LDALA#U0, R5F104LEALA#U0, R5F104LFALA#U0,
R5F104LGALA#U0, R5F104LHALA#U0, R5F104LJALA#U0
R5F104LCALA#W0, R5F104LDALA#W0, R5F104LEALA#W0, R5F104LFALA#W0,
R5F104LGALA#W0, R5F104LHALA#W0, R5F104LJALA#W0
R5F104LKALA#U0, R5F104LLALA#U0
R5F104LKALA#W0, R5F104LLALA#W0
G
R5F104LCGLA#U0, R5F104LDGLA#U0, R5F104LEGLA#U0, R5F104LFGLA#U0,
R5F104LGGLA#U0, R5F104LHGLA#U0, R5F104LJGLA#U0, R5F104LKGLA#U0,
R5F104LLGLA#U0
R5F104LCGLA#W0, R5F104LDGLA#W0, R5F104LEGLA#W0, R5F104LFGLA#W0,
R5F104LGGLA#W0, R5F104LHGLA#W0, R5F104LJGLA#W0, R5F104LKGLA#W0,
R5F104LLGLA#W0
64-pin plastic LQFP
(14
× 14 mm, 0.8 mm pitch)
A
R5F104LCAFP#V0, R5F104LDAFP#V0, R5F104LEAFP#V0, R5F104LFAFP#V0,
R5F104LGAFP#V0, R5F104LHAFP#V0, R5F104LJAFP#V0
R5F104LCAFP#X0, R5F104LDAFP#X0, R5F104LEAFP#X0, R5F104LFAFP#X0,
R5F104LGAFP#X0, R5F104LHAFP#X0, R5F104LJAFP#X0
D
R5F104LCDFP#V0, R5F104LDDFP#V0, R5F104LEDFP#V0, R5F104LFDFP#V0,
R5F104LGDFP#V0, R5F104LHDFP#V0, R5F104LJDFP#V0
R5F104LCDFP#X0, R5F104LDDFP#X0, R5F104LEDFP#X0, R5F104LFDFP#X0,
R5F104LGDFP#X0, R5F104LHDFP#X0, R5F104LJDFP#X0
G
R5F104LCGFP#V0, R5F104LDGFP#V0, R5F104LEGFP#V0, R5F104LFGFP#V0,
R5F104LGGFP#V0, R5F104LHGFP#V0, R5F104LJGFP#V0
R5F104LCGFP#X0, R5F104LDGFP#X0, R5F104LEGFP#X0, R5F104LFGFP#X0,
R5F104LGGFP#X0, R5F104LHGFP#X0, R5F104LJGFP#X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More