| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F100GD Datasheet(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GD Datasheet(HTML) 56 Page - Renesas Technology Corp |
|
56 / 202 page ![]() RL78/G13 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 C) Page 56 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 Absolute Maximum Ratings (TA = 25 C) (2/2) Parameter Symbols Conditions Ratings Unit Per pin P00 to P07, P10 to P17, P30 to P37, P40 to P47, P50 to P57, P64 to P67, P70 to P77, P80 to P87, P90 to P97, P100 to P106, P110 to P117, P120, P125 to P127, P130, P140 to P147 40 mA P00 to P04, P07, P32 to P37, P40 to P47, P102 to P106, P120, P125 to P127, P130, P140 to P145 70 mA IOH1 Total of all pins 170 mA P05, P06, P10 to P17, P30, P31, P50 to P57, P64 to P67, P70 to P77, P80 to P87, P90 to P97, P100, P101, P110 to P117, P146, P147 100 mA Per pin 0.5 mA Output current, high IOH2 Total of all pins P20 to P27, P150 to P156 2 mA Per pin P00 to P07, P10 to P17, P30 to P37, P40 to P47, P50 to P57, P60 to P67, P70 to P77, P80 to P87, P90 to P97, P100 to P106, P110 to P117, P120, P125 to P127, P130, P140 to P147 40 mA P00 to P04, P07, P32 to P37, P40 to P47, P102 to P106, P120, P125 to P127, P130, P140 to P145 70 mA IOL1 Total of all pins 170 mA P05, P06, P10 to P17, P30, P31, P50 to P57, P60 to P67, P70 to P77, P80 to P87, P90 to P97, P100, P101, P110 to P117, P146, P147 100 mA Per pin 1 mA Output current, low IOL2 Total of all pins P20 to P27, P150 to P156 5 mA In normal operation mode Operating ambient temperature TA In flash memory programming mode 40 to +85 C Storage temperature Tstg 65 to +150 C Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded. Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins. |