| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F100GD Datasheet(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GD Datasheet(HTML) 114 Page - Renesas Technology Corp |
|
114 / 202 page ![]() RL78/G13 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 C) Page 114 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 Notes 1. Excludes quantization error ( 1/2 LSB). 2. This value is indicated as a ratio (%FSR) to the full-scale value. 3. When AVREFP < VDD, the MAX. values are as follows. Overall error: Add 1.0 LSB to the MAX. value when AVREFP = VDD. Zero-scale error/Full-scale error: Add 0.05%FSR to the MAX. value when AVREFP = VDD. Integral linearity error/ Differential linearity error: Add 0.5 LSB to the MAX. value when AVREFP = VDD. 4. Values when the conversion time is set to 57 s (min.) and 95 s (max.). 5. Refer to 2.6.2 Temperature sensor/internal reference voltage characteristics. |