| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F100GD Datasheet(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GD Datasheet(HTML) 194 Page - Renesas Technology Corp |
|
194 / 202 page ![]() RL78/G13 4. PACKAGE DRAWINGS Page 194 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 4.13 100-pin Products R5F100PFAFB, R5F100PGAFB, R5F100PHAFB, R5F100PJAFB, R5F100PKAFB, R5F100PLAFB R5F101PFAFB, R5F101PGAFB, R5F101PHAFB, R5F101PJAFB, R5F101PKAFB, R5F101PLAFB R5F100PFDFB, R5F100PGDFB, R5F100PHDFB, R5F100PJDFB, R5F100PKDFB, R5F100PLDFB R5F101PFDFB, R5F101PGDFB, R5F101PHDFB, R5F101PJDFB, R5F101PKDFB, R5F101PLDFB R5F100PFGFB, R5F100PGGFB, R5F100PHGFB, R5F100PJGFB S y e S x b M L c Lp HD HE ZD ZE L1 A1 A2 A D E A3 S 0.145 (UNIT:mm) ITEM DIMENSIONS D E HD HE A A1 A2 A3 14.00 ±0.20 14.00 ±0.20 16.00 ±0.20 16.00 ±0.20 1.60 MAX. 0.10 ±0.05 1.40 ± + + 0.05 0.25 c e x y ZD ZE 0.50 0.08 0.08 1.00 1.00 L Lp L1 0.50 0.60 ±0.15 1.00 ±0.20 3 ° 3 ° 5 ° detail of lead end 0.22 0.055 0.045 b 25 50 1 100 26 51 75 76 ±0.05 A B AB JEITA Package Code RENESAS Code Previous Code MASS (TYP.) [g] P-LFQFP100-14x14-0.50 PLQP0100KE-A P100GC-50-GBR-1 0.69 2012 Renesas Electronics Corporation. All rights reserved. |