| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST6380 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6380 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 82 page ![]() 6/82 ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 Figure 1. Block Diagram TEST IRIN/PC6 INTERRUPT UP TO 20KBytes PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTABLE DATA RAM 256 Bytes PORT A PORT C 8 BIT CORE TEST TIMER 1 PA0 - PA7* VDD VSS OSCin OSCout RESET USER PROGRAM MEMORY TIMER 2 Inputs DATA EEPROM 384 Bytes PC2, PC4 - PC7* D/A Outputs VS* R, G, B, BLANK VS Output On-Screen Digital Watchdog DA0 - DA5* *Refer to Pin Description for Additional Information Serial Peripheral PC0/SCL PC1/SDA PC3/SEN Timer Display Interface HSYNC, VSYNC VR01753 OSDOSCout OSDOSCin PB0 - PB6* PORT B & A/D inputs |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |