| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104FDG Datasheet(PDF) 173 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FDG Datasheet(HTML) 173 Page - Renesas Technology Corp |
|
173 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 173 of 208 Aug 12, 2016 CSI mode serial transfer timing (slave mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (slave mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark 1. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0, 1, 3 to 5, 14) Remark 2. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. Also, communication at different potential cannot be performed during clock synchronous serial communication with the slave select function. SIp SOp SCKp Input data Output data tKCY2 tKH2 tKL2 tSIK2 tKSI2 tKSO2 Input data Output data SIp SOp SCKp tKCY2 tKL2 tKH2 tSIK2 tKSI2 tKSO2 |