| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104FDG Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FDG Datasheet(HTML) 31 Page - Renesas Technology Corp |
|
31 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 31 of 208 Aug 12, 2016 1.5.8 64-pin products Note Mounted on the 96 KB or more code flash memory products. VOLTAGE REGULATOR REGC INTERRUPT CONTROL RAM SYSTEM CONTROL HIGH-SPEED ON-CHIP OSCILLATOR RxD0/P50 TxD0/P51 UART1 RxD1/P03 TxD1/P02 TI02/TO02/P17 TI03/TO03/P31 TI00/P00 CSI00 SCK00/P30 SO00/P51 SI00/P50 TI01/TO01/P16 TRDIOA0/TRDCLK/P17 TRDIOB0/P15, TRDIOC0/P16, TRDIOD0/P14 4 TRDIOA1/P13 toTRDIOD1/P10 3 TIMER RJ TRJIO0/P01 TRJO0/P30 SSI00/P62 ch0 TIMER ARRAY UNIT (4ch) ch1 ch2 ch3 TIMER RD (2ch) ch0 ch1 SERIAL ARRAY UNIT0 (4ch) UART0 LINSEL TO00/P01 RxD0/P50 (LINSEL) PORT 1 P10 to P17 8 PORT 2 P20 to P27 8 PORT 3 P30, P31 2 PORT 0 P00 to P06 7 PORT 5 P50 to P55 6 PORT 6 P120 PORT 12 P121 to P124 P137 PORT 13 PORT 14 POWER ON RESET/ VOLTAGE DETECTOR POR/LVD CONTROL RESET CONTROL TOOL0/P40 ON-CHIP DEBUG ANO0/P22 D/A CONVERTER Note COMPARATOR Note (2ch) COMPARATOR0 IVCMP0/P17 IVREF0/P16 VCOUT0/P120 COMPARATOR1 IVCMP1/P13 IVREF1/P12 VCOUT1/P147 TIMER RG TRGIOA/P50, TRGIOB/P51 2 2 TRGCLKA/P00, TRGCLKB/P01 4 ANO1/P23 PORT 4 P40 to P43 PORT 7 P70 to P77 P60 to P63 4 8 8 ANI0/P20 to ANI7/P27 A/D CONVERTER ANI16/P03, ANI17/P02, ANI18/P147, ANI19/P120 4 AVREFP/P20 AVREFM/P21 X1/P121 RESET X2/EXCLK/P122 XT1/P123 XT2/EXCLKS/P124 4 P140, P141, P146, P147 4 SCL00/P30 SDA00/P50 IIC00 SCL01/P75 SDA01/P74 IIC01 SCL11/P10 SDA11/P11 IIC11 SCK11/P10 SO11/P12 SI11/P11 CSI11 SCK01/P75 SO01/P73 SI01/P74 CSI01 RxD2/P14 TxD2/P13 SERIAL ARRAY UNIT1 (2ch) UART2 SCK20/P15 SO20/P13 SI20/P14 CSI20 SCL20/P15 SDA20/P14 IIC20 SCK21/P70 SO21/P72 SI21/P71 CSI21 SCL21/P70 SDA21/P71 IIC21 P130 KEY RETURN KR0/P70 to KR7/P77 8 INTP0/P137 INTP3/P30, INTP4/P31 INTP1/P50, INTP2/P51 RxD0/P50 (LINSEL) 2 2 INTP5/P16 INTP6/P140, INTP7/P141 4 INTP8/P74 to INTP11/P77 SCK10/P04 SO10/P02 SI10/P03 CSI10 SCL10/P04 SDA10/P03 IIC10 SDAA0/P61 SCLA0/P60 SERIAL INTERFACE IICA0 VDD, EVDD0 VSS, EVSS0 TOOLRxD/P50, TOOLTxD/P51 2 CODE FLASH MEMORY DATA FLASH MEMORY BUZZER OUTPUT PCLBUZ0/P140, PCLBUZ1/P141 CLOCK OUTPUT CONTROL 2 BCD ADJUSTMENT DATA TRANSFER CONTROL EVENT LINK CONTROLLER WINDOW WATCHDOG TIMER 12- BIT INTERVAL TIMER REAL-TIME CLOCK LOW-SPEED ON-CHIP OSCILLATOR RTC1HZ/P30 MULTIPLIER & DIVIDER, MULITIPLY- ACCUMULATOR RL78 CPU CORE |