| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104PDG Datasheet(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104PDG Datasheet(HTML) 53 Page - Renesas Technology Corp |
|
53 / 213 page ![]() RL78/G14 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 °C) R01DS0053EJ0330 Rev. 3.30 Page 53 of 208 Aug 12, 2016 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 °C) This chapter describes the following electrical specifications. Target products A: Consumer applications TA = -40 to +85 °C R5F104xxAxx D: Industrial applications TA = -40 to +85 °C R5F104xxDxx G: Industrial applications when TA = -40 to +105 °C products is used in the range of TA = -40 to +85°C R5F104xxGxx Caution 1. The RL78 microcontrollers have an on-chip debug function, which is provided for development and evaluation. Do not use the on-chip debug function in products designated for mass production, because the guaranteed number of rewritable times of the flash memory may be exceeded when this function is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the on-chip debug function is used. Caution 2. With products not provided with an EVDD0, EVDD1, EVSS0, or EVSS1 pin, replace EVDD0 and EVDD1 with VDD, or replace EVSS0 and EVSS1 with VSS. Caution 3. The pins mounted depend on the product. Refer to 2.1 Port Functions to 2.2.1 Functions for each product in the RL78/G14 User’s Manual. |