Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XSCBD43MB Datasheet(PDF) 2 Page - SunLED Corporation

No. de pieza XSCBD43MB
Descripción Electrónicos  Available on tape and reel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XSCBD43MB Datasheet(HTML) 2 Page - SunLED Corporation

  XSCBD43MB Datasheet HTML 1Page - SunLED Corporation XSCBD43MB Datasheet HTML 2Page - SunLED Corporation XSCBD43MB Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number: XSCBD43MB
3.0x3.0mm ICE CUBE LED
Oct 10,2016
XDSB4189 V5-Z Layout: Maggie L.
P. 2/3
Blue
Remarks:
If special sorting is required (e.g. binning based on forward voltage,
luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Blue



Html Pages

1 2 3