| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MB2S Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
MB2S Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
2 / 2 page ![]() 0.01 0.1 1.0 10 0.2 0.6 1.0 1.4 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2Typical Forward Characteristics (per leg) F T= 25 C Pulse Width = 300 s j ° µ 0.4 0.8 1.2 1.6 0 10 20 30 35 1.0 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Peak Forward Surge Current (per leg) T = 25 C Single Half Sine-Wave Pulse Width = 5.3ms (JEDEC Method) A ° 1 10 100 1 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R T= 25 C f = 1.0MHz j ° 0.01 0.1 1.0 10 100 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig.5 Typical Reverse Characteristics (per element) T = 25 C j ° T = 125 C j ° 0 0.2 0.4 0.6 0.8 0 40 80 120 160 T , AMBIENT TEMPERATURE ( C) Fig. 1 Output Current Derating Curve A ° Resistive or Inductive Load Al. Substrate PC Board Glass Epoxy PC Board http://www.trr-jx.com Characteristic Curves (T A=25 ℃ unless otherwise noted) MB05S – MB10S SURFACE MOUNT BRIDGE RECTIFIERS |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |