Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

W567S080 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza W567S080
Descripción Electrónicos  8-CHANNEL SPEECHMELODY PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

W567S080 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button W567S080 Datasheet HTML 5Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 6Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 7Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 8Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 9Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 10Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 11Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 12Page - List of Unclassifed Manufacturers W567S080 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
W567SXXX
Publication Release Date: May 2010
- 9 -
Revision A18
6.2 W567S040~S060
W567S040
|
W567S060
ROSC
OSC
VDD
VSS
4.7uF
BP00
|
BP07
BP10
|
BP17
IP04
|
IP07
Battery
+
DAC0
Speaker0
8050
VDD
Rs
DAC1
VDD
Speaker1
8050
Rs
/RESET
0.1uF
Reset
Switch
Notes:
1.
The typical value of Rosc is 160 K
 for 8MHz and 330 K for 4MHz and should be connected to GND (V
SS).
2.
Please refer to design guide to get typical Rosc value for each part number.
3.
The Rs value is suggested in 270
 ~ 1K to limit too large DAC output current flowing into transistor.
4.
The capacitor, 4.7uF, shunts between VDD and GND is necessary as power stability. But the value of capacitor is
depend on the application.
5.
The above application circuits are for reference only. No warranty for mass production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com