| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M2113LEW03 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
M2113LEW03 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
2 / 7 page ![]() Series M2100 LED Tipped Toggles A81 A www.nkkswitches.com Distinctive Characteristics Industry’s first LED illumination at tip of toggle switches. Single color LEDs of red, yellow, and green, plus bicolor red/green, to meet varied design requirements. LEDs can operate independently from or synchronously with switching operation. Antijamming feature to protect contacts from damage due to excessive downward force on the toggle. High torque bushing prevents the bushing from rotating or separating from the metal frame during installation. Stainless steel frame resists corrosion. Silver contacts are of specially composed alloy for hardness. High insulating barriers protect against crossover in double pole devices. Terminals are molded in and epoxy sealed to lock out flux, dust, and other contaminants. 1,500V dielectric strength between switch contacts and case is accomplished by clinching the frame away from the terminals. Actual Size |