| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5490 Datasheet(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 Datasheet(HTML) 45 Page - Cirrus Logic |
|
45 / 57 page ![]() CS5490 DS982F3 45 6.6.29 Voltage Swell Level (VSwellLEVEL ) – Page 18, Address 47 Default = 0x7F FFFF Voltage swell level, VSwellLEVEL, establishes an input level above which a swell event is triggered. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.30 Instantaneous Current (I) – Page 16, Address 2 Default = 0x00 0000 I contains instantaneous current measurements for current channel. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.31 Instantaneous Voltage (V) – Page 16, Address 3 Default = 0x00 0000 V contains instantaneous voltage measurements for voltage channel. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.32 Instantaneous Active Power (P) – Page 16, Address 4 Default = 0x00 0000 P contains instantaneous power measurements for current and voltage channels. Values in registers I and V are multiplied to generate this value. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |