Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT80C5112 Datasheet(PDF) 6 Page - ATMEL Corporation

No. de pieza AT80C5112
Descripción Electrónicos  8-bit Microcontroller with A/D Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C5112 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT80C5112 Datasheet HTML 2Page - ATMEL Corporation AT80C5112 Datasheet HTML 3Page - ATMEL Corporation AT80C5112 Datasheet HTML 4Page - ATMEL Corporation AT80C5112 Datasheet HTML 5Page - ATMEL Corporation AT80C5112 Datasheet HTML 6Page - ATMEL Corporation AT80C5112 Datasheet HTML 7Page - ATMEL Corporation AT80C5112 Datasheet HTML 8Page - ATMEL Corporation AT80C5112 Datasheet HTML 9Page - ATMEL Corporation AT80C5112 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
6
AT8xC5112
4191B–8051–04/03
Table 2. Pin Description
Mnemonic
PIN NUMBER
TYPE
Name and Function
LQFP
48
PLCC
52
VSS
X
X
I
Ground: 0V reference.
VCC
X
X
I
Power Supply: This is the power supply voltage for normal, idle and power-down operation.
AVSS
X
I
Analog Ground: 0V reference.
AVCC
I
Analog Power Supply: This is the power supply voltage for normal and idle operation of the A/D
VREF
X
X
I
VREF : A/D converter positive reference input.
VPP
X
X
I
Vpp : Programming Supply Voltage:
This pin also receives the 12V programming pulse which will start the EPROM programming and the
manufacturer test modes.
P1.0 - P1.7
X
X
I/O
Port 1: Port 1 is an 8-bit bi-directional I/O port with internal pull-ups. Port 1 pins that have 1s written to them are
pulled high by the internal pull-ups and can be used as inputs.
Alternate functions for Port 1 include:
I/O
WR (P1.0): External data memory write strobe
I/O
RD (P1.1): External data memory readstrobe
I/O
ECI (P1.2): External Clock for the PCA
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
I/O
CEX3 (P1.6): Capture/Compare External I/O for PCA module 3
I/O
CEX4 (P1.7): Capture/Compare External I/O for PCA module 4
P3.0 - P3.7
XX
I/O
Port 3: Port 3 is an 8-bit bi-directional I/O port with internal pull-ups. Port 3 pins that have 1s written to them are
pulled high by the internal pull-ups and can be used as inputs.
P3.6 is an input only pin.
Port 3 also serves the special features of the 80C51 family, as listed below.
I/O
RXD (P3.0): Serial input port
I/O
TXD (P3.1): Serial output port
I/O
INT0 (P3.2): External interrupt 0
I/O
T0 (P3.3): Timer 0 external input
P4.0-P4.7
X
X
I/O
Port 4: Port 4 is an 8-bit bi-directional I/O port. Each bit can be set as pure CMOS input or as push-pull output.
Port 4 is also the input port of the analog-to-digital converter and used for oscillator and reset.
I/O
AIN0 (P4.0): A/D converter input 0
I/O
AIN1 (P4.1): A/D converter input 1
T1: Timer 1 external input
I/O
AIN2 (P4.2): A/D converter input 2
SS: Slave select input of the SPI controller
I/O
AIN3 (P4.3): A/D converter input 3
INT1: External interrupt 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com