Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACPL-352J Datasheet(PDF) 10 Page - Broadcom Corporation.

No. de pieza ACPL-352J
Descripción Electrónicos  Dual output drive to control turning on and off time
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-352J Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button ACPL-352J Datasheet HTML 6Page - Broadcom Corporation. ACPL-352J Datasheet HTML 7Page - Broadcom Corporation. ACPL-352J Datasheet HTML 8Page - Broadcom Corporation. ACPL-352J Datasheet HTML 9Page - Broadcom Corporation. ACPL-352J Datasheet HTML 10Page - Broadcom Corporation. ACPL-352J Datasheet HTML 11Page - Broadcom Corporation. ACPL-352J Datasheet HTML 12Page - Broadcom Corporation. ACPL-352J Datasheet HTML 13Page - Broadcom Corporation. ACPL-352J Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Broadcom
- 10 -
ACPL-352J
Data Sheet
Input Capacitance
CIN
—70—
pF
f = 1 MHz, VF = 0V
UVLO Threshold, VDD2 – VS
VUVLO+
12
12.9
13.5
V
IF = 8 mA,
VOUTP – VE > 5V
b, c, d
VUVLO-
11
11.8
12.5
V
IF = 8 mA,
VOUTP – VE < 5V
b, c, e
UVLO Hysteresis, VDD2 – VS
VUVLO+
VUVLO–
0.5
1
V
OC Sensing Voltage Threshold
VOC
8.5
9
9.5
V
VDD2 – VS > VUVLO+
13
c
Blanking Capacitor Charging Current
ICHG
0.85
1
1.15
mA
VOC = 2V
14
c, f
OC Low Voltage when Blanking
Capacitor Discharge
VDSCHG
—1.1
2
V
IDSCHG = 50 mA
c, f
Input Supply Current (VDD1)IDD1
—1.6
2.5
mA
15
FAULT Logic Low Output Current
IFAULTL
49.2
mA
VFAULT = 0.4V,
VDD1 = 5V
FAULT Logic High Output Current
IFAULTH
20
μA
VFAULT = VDD1 = 5V
UVLO Logic Low Output Current
IUVLOL
49.2
mA
VUVLO = 0.4V,
VDD1 = 5V
UVLO Logic High Output Current
IUVLOH
20
μA
VUVLO = VDD1 = 5V
VOUTN GFAULT Sense Threshold Voltage
VGFAULTN
—VDD2 – 2
V
VOUTP GFAULT Sense Threshold Voltage
VGFAULTP
—VSS2 + 2
V
GFAULT Logic Low Output Current
IGFAULTL
49.2
mA
VGFAULT = 0.4V,
VDD1 = 5V
GFAULT Logic High Output Current
IGFAULTH
20
μA
VGFAULT = VDD1 = 5V
a.
Output is sourced at –4.5A /4.5A with a maximum pulse width = 10 μs.
b.
15V is the recommended minimum operating positive supply voltage (VDD2 – VS) to ensure adequate margin in excess of the maximum VUVLO+ threshold of
13.5V. For High Level Output Voltage testing, VOUTP is measured with a 50-μs pulse load current. When driving capacitive loads, VOUTP approaches VDD2 as
IOUTP approaches zero units.
c.
Once the system is out of UVLO (VDD2 – VS > VUVLO+), the OC detection feature of the ACPL-352J is the primary source of IGBT/MOSFET protection. UVLO needs
to be unlocked to ensure OC is functional. Once VDD2 exceeds VUVLO+ threshold, OC remains functional until VDD2 is below VUVLO– threshold. The OC
detection and UVLO features of the ACPL-352J work in conjunction to ensure constant IGBT/MOSFET protection.
d.
This is the increasing (i.e., turn-on or positive going direction) of VDD2 – VS.
e.
This is the decreasing (i.e., turn-off or negative going direction) of VDD2 – VS.
f.
See the overcurrent fault detection blanking time section in the applications notes at the end of this data sheet for further details.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com