Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046IBVF Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TUSB2046IBVF
Descripción Electrónicos  4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046IBVF Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2046IBVF Datasheet HTML 1Page - Texas Instruments TUSB2046IBVF Datasheet HTML 2Page - Texas Instruments TUSB2046IBVF Datasheet HTML 3Page - Texas Instruments TUSB2046IBVF Datasheet HTML 4Page - Texas Instruments TUSB2046IBVF Datasheet HTML 5Page - Texas Instruments TUSB2046IBVF Datasheet HTML 6Page - Texas Instruments TUSB2046IBVF Datasheet HTML 7Page - Texas Instruments TUSB2046IBVF Datasheet HTML 8Page - Texas Instruments TUSB2046IBVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (Continued) ........................................ 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ..................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics........................................... 7
7.6
Differential Driver Switching Characteristics (Full
Speed Mode) ............................................................. 7
7.7
Differential Driver Switching Characteristics (Low
Speed Mode) ............................................................. 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 12
8.5
Programming........................................................... 13
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Application .................................................. 15
10
Power Supply Recommendations ..................... 17
10.1
TUSB2046x Power Supply ................................... 17
10.2
Downstream Port Power ....................................... 17
11
Layout................................................................... 18
11.1
Layout Guidelines ................................................. 18
11.2
Layout Example .................................................... 19
12
Device and Documentation Support ................. 20
12.1
Related Links ........................................................ 20
12.2
Community Resources.......................................... 20
12.3
Trademarks ........................................................... 20
12.4
Electrostatic Discharge Caution ............................ 20
12.5
Glossary ................................................................ 20
13
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (January 2016) to Revision L
Page
•
Added device TUSB2046IB to the data sheet........................................................................................................................ 1
Changes from Revision J (July 2015) to Revision K
Page
•
Changed the VQFN package Body Size From: 5.00 mm x 2.00 mm To: 5.00 mm x 5.00 mm ............................................ 1
Changes from Revision I (September 2013) to Revision J
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com