Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

804DCR Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

No. de pieza 804DCR
Descripción Electrónicos  Phase Control Thyristors (Capsule Type), 800A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NAINA [Naina Semiconductor ltd.]
Página de inicio  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

804DCR Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  804DCR_17 Datasheet HTML 1Page - Naina Semiconductor ltd. 804DCR_17 Datasheet HTML 2Page - Naina Semiconductor ltd. 804DCR_17 Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Naina Semiconductor Ltd.
804DCR
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Triggering Parameters (TJ = 25
oC, unless otherwise specified)
Parameters
Symbol
Values
Units
DC gate current to trigger
IGT
200
mA
DC gate voltage to trigger
VGT
3.0
V
Thermal and Mechanical Specifications (TJ = 25
oC, unless otherwise specified)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to +125
oC
Maximum storage temperature range
TStg
- 40 to +125
oC
Maximum thermal resistance, junction to case
Rth(JC)
0.045
oC/W
Mounting torque
F
12 .. 14
kN
Approximate weight
WT
260
g
Package Outline
ALL DIMENSIONS IN MM
Blocking Parameters (TJ = 25
oC, unless otherwise specified)
Parameters
Symbol
Values
Units
Critical rate of rise of off-state voltage @ TJ = TJ max, linear to 80% rated
VDRM
dV/dt
500
V/µs
Maxmimum peak reverse & off-state leakage current @ TJ = TJ max, rated
VDRM/VRRM applied
IRRM, IDRM
50
mA



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com