Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADCS9888 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADCS9888
Descripción Electrónicos  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 19Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 20Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 21Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 22Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 23Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 24Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 25Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 26Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Application Information
1.0 INTRODUCTION
The ADCS9888 is a complete 8 bit, 205 MSPS monolithic
analog front end for capturing analog component video in
digital video applications. The high sampling rate allows it to
support video capture at full frame rate at resolutions up to
1600 by 1200 at 75 Hz. Higher resolution (and therefore
pixel rate) video can be captured by subsampling even and
odd columns (pixels) of video on alternating frames.
This highly integrated solution incorporates all of the func-
tions necessary to convert standard computer video signals
into digital output data suitable for acquisition by video scaler
and similar processing systems. Included components are a
2 channel mux to allow 2 independent video sources to be
selected. A full sync processing and clock generation system
is included to generate the sampling pixel clock based on the
horizontal synchronization signal. 3 inputs with 500 MHz
bandwidth are used to capture component RGB or YUV
video data. Video clamp circuitry is included to provide the
proper AC coupling and black level restoration required in
this application. Video is captured at up to 205 MSPS by 8 bit
analog to digital converters, and output to a highly flexible
output interface. Data can be output on a single 8 bit parallel
output per channel, or on dual 8 bit parallel interfaces for
each color channel for the higher pixel rate settings. A variety
of different output formats are supported to ensure flexible
interfacing to a variety of video processing solutions.
2.0 VIDEO SIGNAL PATH
2.1 Input Muxes
The ADCS9888 supports two complete video input channels
#0 and #1. This allows two sources of video input to be used
for dual input panels, monitors and projectors. All analog
video signals and sync signals are muxed.
2.2 Input Termination
Video input signals are normally received from 75
Ω sources.
In this case, the signal path should be properly impedance
matched through the incoming connectors, and across the
printed circuit board up to the video inputs on the
ADCS9888. The signal traces should be designed for the
proper characteristic impedance, and should be continuous
traces that stay on the same side of the printed circuit board,
avoiding vias and sharp bends in the trace that can introduce
impedance discontinuities.
The 75
Ω/47 nF termination network shown should be lo-
cated as close as possible to the video input pins to minimize
unmatched stub impedances and resulting signal distortion.
The 75
Ω termination resistance should be connected to the
system ground plane using a via directly to the plane.
20062818
2.3 Video Input Clamp
The analog video inputs will be AC coupled using 47 nF
capacitors. Clamping on the inputs is done to ensure the
proper DC level of the converted signals. Red, Green and
Blue channels will normally be clamped to the zero scale
level of the ADC when a black level signal is present on the
inputs. This normally happens during the back porch period
of the horizontal blanking interval. Register controlled op-
tions allow the Red and Blue channels to be clamped to the
ADC mid scale point. This allows YUV signal processing
where the U and V channels are at a mid scale voltage
during “Black”.
20062819
2.4 Gain/Offset Adjustment
Gain and Offset adjustment is provided to support video
signal ranges of 0.5 Vp-p to 1.0 Vp-p.
When the 8 bit Gain registers are set to the maximum value,
the signal range is largest at 1.0 Vp-p typical. When the Gain
registers are set to the minimum values of 00h, the signal
range is smallest at 0.5 Vp-p. This means that for a given
video input signal, maximum settings of Gain will reduce the
contrast or range of the converted data, while minimum
settings of Gain will increase the contrast or range of the
converted data. The "power on defalt" values for Gain are
80h which give a nominal input range of 0.7 Vp-p.
The 7 bit Offset registers provide a ±63 step adjustment.
High values of Offset will lower the value of the converted
output data, low values of Offset setting will increase the
value of the converted output data.
As the Gain and Offset adjustments cause the ADC refer-
ence voltages to change, they also cause shifts in the RMID-
SCV and BMIDSCV voltages.
2.5 Analog To Digital Converter
Three 8 bit, 205 MSPS analog to digital converters are
included. One for each video input channel.
2.6 Output Data Ports
Two 8 bit data ports are provided at the output of each video
color channel. This allows a variety of different video output
formats for ease of processing by the attached video scaler/
processor used in different applications.
Supported modes include:
•
Single channel mode, where all data is present on the A
output port for each color channel.
•
Parallel Dual Channel mode, where data is presented on
A and B outputs simultaneously, updated at one half the
pixel conversion rate.
•
Interleaved Dual Channel mode, where data is presented
alternately on A and B outputs one new sample with each
incoming pixel clock.
•
In both Dual Channel modes, the output data sequence
can be altered to provide all Odd pixels on Port B or on
Port A, controlled by Bit 5 of Register 15h.
The timing relationship between the data outputs, output
clocks, and HSOUT are all synchronized. When the sample
phase is adjusted, all of these digital outputs will be shifted
together with respect to the source Hsync signal.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com