| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OP599 Datasheet(PDF) 2 Page - OPTEK Technologies |
|
|
|||||||||||||||||||||||||||||
OP599 Datasheet(HTML) 2 Page - OPTEK Technologies |
|
2 / 2 page ![]() Types OP599 Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972)323-2200 Fax (972)323-2396 Electrical Characteristics (TA = 25 oC unless otherwise noted) SYMBOL PARAMETER MIN TYP MAX UNITS TEST CONDITIONS IC(ON) On-State Collector Current OP599D OP599C OP599B OP599A 0.20 0.40 1.20 2.35 1.95 3.85 mA mA mA mA See Note (3) See Note (3) See Note (3) See Note (3) ICEO Collector Dark Current 100 nA VCE = 10.0 V, Ee = 0 V(BR)CEO Collector-Emitter Breakdown Voltage 30 V IC = 100 µA V(BR)ECO Emitter-Collector Breakdown Voltage 5.0 V IE = 100 µA VCE(SAT) Collector-Emitter Saturation Voltage 0.40 V IC = 100 µA Ee = 0.25 mW/cm 2(3) Typical Performance Curves 3-35 Ee - Irradiance - mW/cm 2 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |