Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT41532 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza AT41532
Descripción Electrónicos  NPN SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41532 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button AT41532 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 10Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AT-41532 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 2. 7 V, IC = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.243
-122
18.39
8.310
97
-26.90
0.045
68
0.586
-21
0.75
0.199
-149
15.19
5.751
85
-23.99
0.063
69
0.552
-21
1.0
0.184
-169
12.88
4.408
76
-21.74
0.082
69
0.536
-23
1.5
0.186
161
9.64
3.034
62
-18.35
0.121
67
0.520
-28
2.0
0.199
139
7.44
2.354
49
-15.79
0.162
63
0.510
-35
3.0
0.232
107
4.61
1.700
27
-11.93
0.253
52
0.491
-52
4.0
0.275
79
2.84
1.387
6
-9.00
0.355
39
0.467
-72
5.0
0.334
56
1.60
1.202
-12
-6.66
0.465
24
0.424
-95
6.0
0.399
41
0.66
1.079
-29
-4.79
0.576
7
0.349
-125
7.0
0.462
27
-0.02
0.997
-45
-3.30
0.684
-12
0.261
-167
8.0
0.521
14
-0.67
0.926
-60
-2.34
0.764
-32
0.251
134
9.0
0.566
-2
-1.26
0.865
-75
-1.89
0.805
-52
0.328
88
10.0
0.609
-18
-1.88
0.805
-90
-1.92
0.802
-72
0.422
56
11.0
0.678
-28
-2.97
0.711
-101
-2.32
0.766
-91
0.485
29
12.0
0.722
-39
-3.38
0.678
-116
-3.02
0.706
-106
0.620
3
Figure 12. Gain vs. Frequency at
2.7 V, 10 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
gmax
dB(S|2,1|)
k
0
25
15
20
5
10
02
13
4
56
0
1.25
0.75
1
0.25
0.5
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11|
2 – |S
22|
2 + |D|2
; D = S11S22 – S12S21
2 *|S12||S21|
88759/04-7PM6.0J
2001.04.25, 7:58 PM
Page 7
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com