Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S5KBF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza S5KBF
Descripción Electrónicos  5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S5KBF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S5KBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S5KBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (
°C)
T
Fig. 1 Forward Current Derating Curve
1.0
2.0
3.0
5.0
4.0
Resistive or
inductive load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125
°C
j
T= 25
°C
j
0
20
40
110
100
Fig. 3 Forward Surge Current Derating Curve
NUMBER OF CYCLES AT 60 Hz
60
80
100
120
Single Half Sine-Wave
(JEDEC Method)
0.01
0.1
1.0
10
0
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T- 25
°C
j
I PulseWidth=300
ms
F
1.2
1.6
2.0
2 of 2
S5ABF-S5MBF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
S5ABF-S5MBF



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com