Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSF10S45CT-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

No. de pieza CSF10S45CT-A
Descripción Electrónicos  10A MOS Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CITC [Chip Integration Technology Corporation]
Página de inicio  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF10S45CT-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSF10S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSF10S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSF10S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSF10S45
G-A.
CT
Lead free in compliance with EU RoHS.
V
F
I
R
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
350
435
CSF10S45CT-A
I
O
I
F S M
I
R R M
T
J
Forward rectified current (total device)
Forward surge current (per diode)
Operating Junction temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
UNIT
-55 ~ +150
10
250
A
A
O C
Peak repetitive reverse surge current
A
2us - 1kHz
2
Working peak reverse voltage
V
RW M
V
CSF10S45CT-A
45
(per diode)
Document ID : DS-11KA8
Revised Date : 2016/12/19
Revision : C9
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
■ Outline
ITO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Alternate
PIN 1
PIN 3
PIN 2
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Chip Integration Technology Corporation
10A MOS Schottky Rectifier
Main Product Characteristics
I
F ( AV )
2x5A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.35V
Typical Thermal resistance (per diode)
O C/W
8
R
θ J C
Junction to case
O C/W
50
R
θ J A
Junction to ambient
T
S T G
Storage temperature
-55 ~ +150
O C
V
B R
Reverse Breakdown Voltage (per diode)
O
I
= 0.5mA T = 25 C
R
J
45
V
O
I = 3A, T = 25 C
F
J
370


Número de pieza similar - CSF10S45CT-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF10S100CT-A CITC-CSF10S100CT-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF10S280CT-A CITC-CSF10S280CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF10S300CT-A CITC-CSF10S300CT-A Datasheet
467Kb / 3P
10A Low Barrier Diode
CSF10S60CT-A CITC-CSF10S60CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Descripción similar - CSF10S45CT-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
P10V45 YFWDIODE-P10V45 Datasheet
319Kb / 4P
10A 45V MOS Schottky Rectifier
P15V50-TO277 YFWDIODE-P15V50-TO277 Datasheet
710Kb / 4P
10A 50V MOS Schottky Rectifier
logo
Chip Integration Techno...
CS10L45CT-A CITC-CS10L45CT-A Datasheet
506Kb / 3P
10A MOS Schottky Rectifier
CSF10L45CT-A CITC-CSF10L45CT-A Datasheet
505Kb / 3P
10A MOS Schottky Rectifier
logo
PFC Device Inc.
P10L45SP PFC-P10L45SP Datasheet
722Kb / 5P
10A 45V MOS Schottky Rectifier
P10L150SP PFC-P10L150SP Datasheet
726Kb / 5P
10A 150V MOS Schottky Rectifier
P10150E PFC-P10150E Datasheet
632Kb / 6P
10A 150V MOS Schottky Rectifier
PFR10L60CT PFC-PFR10L60CT Datasheet
773Kb / 7P
10A 60V MOS Schottky Rectifier
PFR10L150CT PFC-PFR10L150CT Datasheet
777Kb / 7P
10A 150V MOS Schottky Rectifier
PFR10200CT PFC-PFR10200CT Datasheet
775Kb / 7P
10A 200V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com