Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSF30S45CT-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

No. de pieza CSF30S45CT-A
Descripción Electrónicos  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CITC [Chip Integration Technology Corporation]
Página de inicio  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF30S45CT-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CSF30S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSF30S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSF30S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage (V)
Fig. 3 - Reverse Characteristics (per diode)
0
10
20
30
40
50
1000
10
1
0.01
0.1
100
O
T =25 C
A
O
T =85 C
A
O
T =50 C
A
O
T =125 C
A
O
T =100 C
A
O
T =150 C
A
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
Instantaneous Forward Voltage (Volts)
0
0.1
0.2
0.3
0.4
0.5
0.6
100
10
1
0.1
0.01
T =125°C
A
T =100°C
A
T =25°C
A
T =85°C
A
T =150°C
A
T =50°C
A
Fig.1 - Forward Current Derating Curve (per diode)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
15
12
6
9
3
18
CSF30S45CT-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-11KAI
Revised Date : 2016/11/17
Revision : C8
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
Average Forward Current, IF (A)
Fig. 4 - Forward Power Dissipation
Per diode
1
10
100
1000
10000
0
5
10
15
20
25
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance
Per diode



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com