Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AAT2075B2 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

No. de pieza AAT2075B2
Descripción Electrónicos  Digital Attenuator 2-Bit 15dB DC~2700 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASB [Advanced Semiconductor Business Inc.]
Página de inicio  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AAT2075B2 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AAT2075B2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AAT2075B2 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
ASB Inc.
 sales@asb.co.kr
June 2017
AAT2075B2
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
25x50
EB No.
EB-2x2-QFN14_ATT01
3. Application: DC ~ 1200 MHz (Vs = +5 V
, 75 Ω)
3.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AAT2075B2
-
-
2-Bit digital attenuator
ASB
C1, C4
1
F
0402
DC blocking capacitor
Murata
C2, C3
1
F
0402
Bypass capacitor
Murata
C5
10
F
0805
Decoupling capacitor
Murata
Note: Bypass capacitors (C2 and C3) should be close to the RF GND(pin 5 and pin 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com