Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSRS1045-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

No. de pieza CSRS1045-A
Descripción Electrónicos  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CITC [Chip Integration Technology Corporation]
Página de inicio  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSRS1045-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSRS1045-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSRS1045-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSRS1045-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSRS1045G-A.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
I
O
I
F S M
R
θ J C
T , T
J
S T G
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSRS1045-A
UNIT
-55 ~ +150
10
300
A
A
O C
O C/W
Junction to case
4
V
F
I
R
Forward voltage drop
Reverse current
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 150 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
15
0.3
mV
mA
MIN.
MAX.
Marking code
CSRS1045
O
I = 8A, T = 25 C
F
J
O
I = 10A, T = 25 C
F
J
470
420
O
I = 10A, T = 125 C
F
J
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
45
V
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
V
R ( R M S )
RMS reverse voltage
32
A
E
A S
Non-repetitive avalanche energy
mJ
O
T = 25 C, I
= 20A, L = 8.5mH
J
A S
20
410
O
V
= V
T = 100 C
R
R R M
J
75
Reverse breakdown voltage
I = 0.5mA
R
V
( B R ) R
45
V
CSRS1045-A
Document ID : DS-11K9X
Revised Date : 2015/08/10
Revision : C4
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Main Product Characteristics
I
F ( AV )
10A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.35V
350


Número de pieza similar - CSRS1045-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CSRS1060-A CITC-CSRS1060-A Datasheet
79Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Descripción similar - CSRS1045-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CSF20150CT-A CITC-CSF20150CT-A Datasheet
481Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP8S60S-A CITC-CSP8S60S-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10L45S-A CITC-CSP10L45S-A Datasheet
475Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15L50S-A CITC-CSP15L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15S50S-A CITC-CSP15S50S-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP560S-A CITC-CSP560S-A Datasheet
477Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10200SG-A CITC-CSP10200SG-A Datasheet
504Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSR5200-A CITC-CSR5200-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRL1060-A CITC-CSRL1060-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSS545B-A CITC-CSS545B-A Datasheet
458Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com