Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EC3278 Datasheet(PDF) 10 Page - E-CMOS Corporation

No. de pieza EC3278
Descripción Electrónicos  2.4A/32V Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-CMOS [E-CMOS Corporation]
Página de inicio  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3278 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC3278 Datasheet HTML 3Page - E-CMOS Corporation EC3278 Datasheet HTML 4Page - E-CMOS Corporation EC3278 Datasheet HTML 5Page - E-CMOS Corporation EC3278 Datasheet HTML 6Page - E-CMOS Corporation EC3278 Datasheet HTML 7Page - E-CMOS Corporation EC3278 Datasheet HTML 8Page - E-CMOS Corporation EC3278 Datasheet HTML 9Page - E-CMOS Corporation EC3278 Datasheet HTML 10Page - E-CMOS Corporation EC3278 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 11
3I13N-Rev.P001
2.4A/32V Synchronous Rectified
Step-Down Converter
EC3278
The system has one zero of importance, due to the
compensation capacitor (C3) and the compensation resistor
(R3). This zero is located at:
The system may have another zero of importance, if the
output capacitor has a large capacitance and/or a high ESR
value. The zero, due to the ESR and capacitance of the
output capacitor, is located at:
In this case (as shown in Figure 10), a third pole set by the
compensation capacitor (C6) and the compensation resistor
(R3) is used to compensate the effect of the ESR zero on
the loop gain. This pole is located at:
The goal of compensation design is to shape the converter
transfer function to get a desired loop gain. The system
crossover frequency where the feedback loop has the unity
gain is important. Lower crossover frequencies result in
slower line and load transient responses, while higher
crossover frequencies could cause system instability. A
good rule of thumb is to set the crossover frequency below
one-tenth of the switching frequency.
To optimize the compensation components, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set the desired
crossover frequency.
Determine the R3 value by the following equation:
Where fC is the desired crossover frequency which is
typically below one tenth of the switching frequency.
2. Choose the compensation capacitor (C3) to achieve the
desired phase margin. For applications with typical inductor
values, setting the compensation zero, fZ1, below one-forth
of the crossover frequency provides sufficient phase
margin.
Determine the C3 value by the following equation:
Where R3 is the compensation resistor.
3. Determine if the second compensation capacitor (C6) is
required. It is required if the ESR zero of the output
capacitor is located at less than half of the switching
frequency, or the following relationship is valid:
If this is the case, then add the second compensation
capacitor (C6) to set the pole fP3 at the location of the ESR
zero. Determine the C6 value by the equation:
External Bootstrap Diode
An external bootstrap diode may enhance the efficiency
of the regulator, the applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high:
In these cases, an external BST diode is recommended
from the output of the voltage regulator to BST pin, as
shown in Fig.10
Figure10.Add Optional External Bootstrap Diode to Enhance
Efficiency
The recommended external BST diode is IN4148, and the
BST cap is
0.1~1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com