Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EC3278NNMHR Datasheet(PDF) 2 Page - E-CMOS Corporation

No. de pieza EC3278NNMHR
Descripción Electrónicos  2.4A/32V Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-CMOS [E-CMOS Corporation]
Página de inicio  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3278NNMHR Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3278NNMHR Datasheet HTML 1Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 8Page - E-CMOS Corporation EC3278NNMHR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 11
3I13N-Rev.P001
2.4A/32V Synchronous Rectified
Step-Down Converter
EC3278
Pin Configurations
Figure 2 Pin Configuration of EC3278(Top View)
Pin Description
Pin Number
Pin Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel
MOSFET switch. Connect a 0.01µF or greater capacitor from SW to BS to power the
high side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter
switches. Drive IN with a 4.75V to 32V power source. Bypass IN to GND with a
suitably large capacitor to eliminate noise on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is
required from SW to BS to power the high-side switch.
4
GND
Ground.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB
with a resistive voltage divider from the output voltage. The feedback threshold
is 0.923V. See Setting the Output Voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND to compensate the regulation
control loop. In some cases, an additional capacitor from COMP to GND is
required. See Compensation Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to
turn on the regulator, drive it low to turn it off. Pull up with 100k
Ω resistor for
automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft start period. Connect a capacitor from SS
to GND to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 15ms.
To disable the soft-start feature, leave SS unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com