| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COP8TAB5HLQ8 Datasheet(PDF) 49 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8TAB5HLQ8 Datasheet(HTML) 49 Page - National Semiconductor (TI) |
|
49 / 59 page ![]() 19.0 Instruction Set (Continued) Jump Absolute Long (JMPL) Jump Indirect (JID) Jump to Subroutine (JSR) Jump to Subroutine Long (JSRL) Jump to Boot ROM Subroutine (JSRB) Return from Subroutine (RET) Return from Subroutine and Skip (RETSK) Return from Interrupt (RETI) Software Trap Interrupt (INTR) Vector Interrupt Select (VIS) 19.4.3 Load and Exchange Instructions The load and exchange instructions write byte values in registers or memory. The addressing mode determines the source of the data. Load (LD) Load Accumulator Indirect (LAID) Exchange (X) 19.4.4 Logical Instructions The logical instructions perform the operations AND, OR, and XOR (Exclusive OR). Other logical operations can be performed by combining these basic operations. For ex- ample, complementing is accomplished by exclusive-ORing the Accumulator with FF Hex. Logical AND (AND) Logical OR (OR) Exclusive OR (XOR) 19.4.5 Accumulator Bit Manipulation Instructions The Accumulator bit manipulation instructions allow the user to shift the Accumulator bits and to swap its two nibbles. Rotate Right Through Carry (RRC) Rotate Left Through Carry (RLC) Swap Nibbles of Accumulator (SWAP) 19.4.6 Stack Control Instructions Push Data onto Stack (PUSH) Pop Data off of Stack (POP) 19.4.7 Memory Bit Manipulation Instructions The memory bit manipulation instructions allow the user to set and reset individual bits in memory. Set Bit (SBIT) Reset Bit (RBIT) Reset Pending Bit (RPND) 19.4.8 Conditional Instructions The conditional instruction test a condition. If the condition is true, the next instruction is executed in the normal manner; if the condition is false, the next instruction is skipped. If Equal (IFEQ) If Not Equal (IFNE) If Greater Than (IFGT) If Carry (IFC) If Not Carry (IFNC) If Bit (IFBIT) If B Pointer Not Equal (IFBNE) And Skip if Zero (ANDSZ) Decrement Register and Skip if Zero (DRSZ) 19.4.9 No-Operation Instruction The no-operation instruction does nothing, except to occupy space in the program memory and time in execution. No-Operation (NOP) Note: The VIS is a special case of the Indirect Transfer of Control addressing mode, where the double byte vector associated with the interrupt is transferred from adjacent addresses in the program memory into the program counter (PC) in order to jump to the associated interrupt service routine. 19.5 REGISTER AND SYMBOL DEFINITION The following abbreviations represent the nomenclature used in the instruction description and the COP8 cross- assembler. Registers A 8-Bit Accumulator Register B 8-Bit Address Register X 8-Bit Address Register S 8-Bit Segment Register SP 8-Bit Stack Pointer Register PC 15-Bit Program Counter Register PU Upper 7 Bits of PC PL Lower 8 Bits of PC C 1 Bit of PSW Register for Carry HC 1 Bit of PSW Register for Half Carry GIE 1 Bit of PSW Register for Global Interrupt Enable VU Interrupt Vector Upper Byte VL Interrupt Vector Lower Byte Symbols [B] Memory Indirectly Addressed by B Register [X] Memory Indirectly Addressed by X Register MD Direct Addressed Memory Mem Direct Addressed Memory or [B] Meml Direct Addressed Memory or [B] or Immediate Data Imm 8-Bit Immediate Data Reg Register Memory: Addresses F0 to FF (Includes B, X and SP) Bit Bit Number (0 to 7) ← Loaded with ↔ Exchanged with www.national.com 49 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |