Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HPH2369 Datasheet(PDF) 2 Page - Micro Electronics

No. de pieza HPH2369
Descripción Electrónicos  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRO-ELECTRONICS [Micro Electronics]
Página de inicio  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

HPH2369 Datasheet(HTML) 2 Page - Micro Electronics

  HPH2369 Datasheet HTML 1Page - Micro Electronics HPH2369 Datasheet HTML 2Page - Micro Electronics HPH2369 Datasheet HTML 3Page - Micro Electronics HPH2369 Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6133
Issued Date : 1993.06.18
Revised Date : 2002.02.18
Page No. : 2/4
HPH2369
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
1
10
100
1
10
100
1000
Collector Current-IC (mA)
hFE @ VCE=1V
25
oC
75
oC
125
oC
Current Gain & Collector Current
1
10
100
0.1
1
10
100
1000
Collector Current-IC (mA)
hFE @ VCE=2V
25
oC
75
oC
125
oC
Saturation Voltage & Collector Current
10
100
1000
10000
100000
0.1
1
10
100
1000
Collector Current-IC (mA)
25
oC
75
oC
125
oC
VCE(sat) @ IC=33IB
Saturation Voltage & Collector Current
10
100
1000
10000
0.1
1
10
100
1000
Collector Current-IC (mA)
25
oC
75
oC
125
oC
VCE(sat) @ IC=10IB
Saturation Voltage & Collector Current
100
1000
10000
0.1
1
10
100
1000
Collector Current-IC (mA)
25
oC
75
oC
125
oC
VBE(sat) @ IC=10IB
On Voltage & Collector Current
0.1
1
0.1
1
10
100
Collector Current (mA)
VBE(on) @ VCE=1V



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com