| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC12CE673 Datasheet(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673 Datasheet(HTML) 18 Page - Microchip Technology |
|
18 / 116 page ![]() PIC12CE67X DS40181B-page 18 Preliminary © 1998 Microchip Technology Inc. 4.2.2.4 PIE1 REGISTER This register contains the individual enable bits for the Peripheral interrupts. Note: Bit PEIE (INTCON<6>) must be set to enable any peripheral interrupt. FIGURE 4-6: PIE1 REGISTER (ADDRESS 8Ch) U-0 R/W-0 U-0 U-0 U-0 U-0 U-0 U-0 — ADIE — — — — — — R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR reset bit7 bit0 bit 7: Unimplemented: Read as '0' bit 6: ADIE: A/D Converter Interrupt Enable bit 1 = Enables the A/D interrupt 0 = Disables the A/D interrupt bit 5-0: Unimplemented: Read as '0' |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |