| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPV4803SA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited |
|
|
|||||||||||||||||||||||||||||
TPV4803SA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited |
|
3 / 3 page ![]() TPV 24V & 48V Series www.gztoppower.com TEL:020-82019000 EMAIL:sales@gztoppower.com page 3 of 3 MECHANICAL DIMENSIONS PIN CONNECTIONS DIP Package SIP Package Single output variants 14 PIN DIP Pin Function 1 -Vin 7 NC 8 +Vout 10 -Vout 14 +Vin 7 PIN SIP Pin Function 1 +Vin 2 -Vin 5 -Vout 7 +Vout Dual output variants 14 PIN DIP Pin Function 1-Vin 7 NC 8+Vout 90V 10 -Vout 14 +Vin 7 PIN SIP Pin Function 1+Vin 2-Vin 5-Vout 60V 7+Vout RECOMMENDED FOOTPRINT DETAILS 14Pin DIP Package 7Pin SIP Package TUBE OUTLINE DIMENSIONS 14Pin DIP Tube 7Pin SIP Tube Unless otherwise stated all dimensions in mm ±0.5mm. Tube length (14 Pin DIP) : 520mm ±2mm. Tube length (7 Pin DIP) : 520mm ±2mm. Tube Quantity : 25PCS 9.30 5.00 12.00 5.10 0.65 2.54 6 孔 1.00 1.15 6 HOLES 2.54 1.15 1.00 5 孔 5 HOLES Pin not fitted on single output variants.All dimensions in mm ±0.25mm. *7.70for 48V variants **7.50 for 48V variants All pins on a 2.54mm pitch and within ±0.25mm of true position. Weight:2.11g(DIP and SIP) 0.30 0.20 15.24 1.25 2.54 YYWW TPV2415S 19.50 0.55 0.45 TPV2415D YYWW 19.50 4.60 3.60 2.54 2.13 15.24 0.55 0.45 1 7 8 9 10 14 1 2 5 6 7 1.88±0.50 9.80 6.80 6.00 10.00 0.45 0.55 3.60 4.60 1.09 7.62 0.20 0.30 * * * * * bottom view bottom view TOPPOWER TOPPOWER TOPPOWER |