Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPV4809S Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

No. de pieza TPV4809S
Descripción Electrónicos  TPV 24V & 48V Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV4809S Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPV4809S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV4809S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV4809S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPV 24V & 48V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPV
series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
Internal SMD construction makes it possible to offer a product with high performance at low cost.
The series offers smaller size, improved efficiency and 3KVDC isolation.
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant、CE certification
Efficiency to 80%
Power density up to 0.85W/cm3
Single or dual output
UL 94V-0 package material
Power sharing on dual output
Footprint from 1.17cm2
Industry standard pinout
3KVDC isolation (1 minute)
Input voltage: 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V / ±5V, ±9V, ±12V, ±15V
Operating temperature: -40ºC to 105ºC
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
(Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV2405DA
24
5
200/20
71
DIP
TPV2409DA
24
9
111/11.1
79
DIP
TPV2412DA
24
12
84/8.4
80
DIP
TPV2415DA
24
15
67/6.7
81
DIP
TPV2403SA
24
3.3
303/30.3
70
SIP
TPV2405SA
24
5
200/20
71
SIP
TPV2409SA
24
9
111/11.1
79
SIP
TPV2412SA
24
12
84/8.4
80
SIP
TPV2415SA
24
15
67/6.7
81
SIP
TPV2424SA
24
24
42/4.2
77
SIP
TPV4805DA
48
5
200/20
71
DIP
TPV4809DA
48
9
111/11.1
79
DIP
TPV4812DA
48
12
84/8.4
80
DIP
TPV4815DA
48
15
67/6.7
81
DIP
TPV4803SA
48
3.3
303/30.3
71
SIP
TPV4805SA
48
5
200/20
71
SIP
TPV4809SA
48
9
111/11.1
79
SIP
TPV4812SA
48
12
84/8.4
80
SIP
TPV4815SA
48
15
67/6.7
81
SIP
TPV2405D
24
±5
±100/±10
71
DIP
TPV2409D
24
±9
±56/±5.6
79
DIP
TPV2412D
24
±12
±41/±4.1
80
DIP
TPV2415D
24
±15
±33/±3.3
81
DIP
TPV2405S
24
±5
±100/±10
71
SIP
TPV2409S
24
±9
±56/±5.6
79
SIP
TPV2412S
24
±12
±41/±4.1
80
SIP
TPV2415S
24
±15
±33/±3.3
81
SIP
TPV4805D
48
±5
±100/±10
71
DIP
TPV4809D
48
±9
±56/±5.6
79
DIP
TPV4812D
48
±12
±41/±4.1
80
DIP
TPV4815D
48
±15
±33/±3.3
81
DIP
TPV4805S
48
±5
±100/±10
71
SIP
TPV4809S
48
±9
±56/±5.6
79
SIP
TPV4812S
48
±12
±41/±4.1
80
SIP
TPV4815S
48
±15
±33/±3.3
81
SIP
Add suffix “P” for continuous short circuit protection, for example TPV2405SAP.
TOPPOWER


Número de pieza similar - TPV4809S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPV4809S TOPPOWER-TPV4809S Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV4809S-W5 TOPPOWER-TPV4809S-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV4809S-W5 TOPPOWER-TPV4809S-W5 Datasheet
855Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV4809SA-W5 TOPPOWER-TPV4809SA-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV4809SA-W5 TOPPOWER-TPV4809SA-W5 Datasheet
855Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Descripción similar - TPV4809S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
24V/48V Fan Driver/Controller With High-Side Drive
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012 Datasheet
115Kb / 6P
AC-DC Power Supply 12V, 24V, 48V Output, 300 Watts
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
24V 48V Input Full brick DC-DC Converters
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
OD1232 ORIONFANS-OD1232_16 Datasheet
1Mb / 4P
DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
logo
Toppower Electronic Tec...
TPE TOPPOWER-TPE Datasheet
385Kb / 3P
TPE 15V, 24V &48V Series
logo
ON Semiconductor
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
logo
Maxim Integrated Produc...
MAX22191EVKIT MAXIM-MAX22191EVKIT Datasheet
716Kb / 8P
24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
logo
Leadshine Technology Co...
RPS LEADSHINE-RPS Datasheet
231Kb / 5P
120/230VAC input, 24V/36V/48V/60V output
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com