Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1058235 Datasheet(PDF) 7 Page - SICK AG

No. de pieza 1058235
Descripción Electrónicos  PHOTOELECTRIC SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

1058235 Datasheet(HTML) 7 Page - SICK AG

Back Button 1058235 Datasheet HTML 2Page - SICK AG 1058235 Datasheet HTML 3Page - SICK AG 1058235 Datasheet HTML 4Page - SICK AG 1058235 Datasheet HTML 5Page - SICK AG 1058235 Datasheet HTML 6Page - SICK AG 1058235 Datasheet HTML 7Page - SICK AG 1058235 Datasheet HTML 8Page - SICK AG 1058235 Datasheet HTML 9Page - SICK AG 1058235 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
WL9LG-3P2432 | W9LG-3
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
WL9L-3
12.2
(0.48)
1
2
4
3
6
5
7
23.6 (0.93)
3.7 (0.15)
①  Center of optical axis, sender and receiver
②  Mounting hole M3 (Ø 3.1 mm)
③  LED indicator yellow: Status of received light beam
④  LED indicator green: power on
⑤  Connecting cable or connecting cable with connector
⑥  Connector M8, 4-pin
⑦  Male connector M12, 4-pin
Recommended accessories
Other models and accessories
www.sick.com/W9LG-3
Brief description
Type
Part no.
Universal bar clamp systems
Universal bar clamp for mounting bars with 12 mm diameter, Zinc diecast, without
mounting plate and screws
BEF-KHS-KH3
5322626
Plate N02 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N02
2051608
Plate N08 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N08
2051607
Mounting brackets and plates
Mounting bracket, steel, zinc coated, mounting hardware included
BEF-WN-W9-2
2022855
Fastening plate with threaded sleeve M3, PMMA, Brass (Br)
BEF-GPM3-W9
4066039
2017-07-11 19:36:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com