Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1058268 Datasheet(PDF) 7 Page - SICK AG

No. de pieza 1058268
Descripción Electrónicos  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

1058268 Datasheet(HTML) 7 Page - SICK AG

  1058268 Datasheet HTML 1Page - SICK AG 1058268 Datasheet HTML 2Page - SICK AG 1058268 Datasheet HTML 3Page - SICK AG 1058268 Datasheet HTML 4Page - SICK AG 1058268 Datasheet HTML 5Page - SICK AG 1058268 Datasheet HTML 6Page - SICK AG 1058268 Datasheet HTML 7Page - SICK AG 1058268 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
WTB4-3P2192 | MultiLine
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M8, 3-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0803-G02M
6010785
Head A: female connector, M8, 3-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0803-G05M
6022009
Head A: female connector, M8, 3-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0803-W02M
6008489
Head A: female connector, M8, 3-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0803-W05M
6022010
Head A: female connector, M8, 3-pin, straight
Head B: -
Cable: unshielded
DOS-0803-G
7902077
Head A: female connector, M8, 3-pin, angled
Head B: -
Cable: unshielded
DOS-0803-W
7902078
Head A: male connector, M8, 3-pin, straight
Head B: -
Cable: unshielded
STE-0803-G
6037322
2017-09-11 15:01:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com