Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EVAL-ADAV801EBZ Datasheet(PDF) 33 Page - Analog Devices

No. de pieza EVAL-ADAV801EBZ
Descripción Electrónicos  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
ADAV801
Rev. A | Page 32 of 60
Playback Port Control—Address 0000100 (0x04)
Table 21. Playback Port Control Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
CLKSRC1
CLKSRC0
SPMODE2
SPMODE1
SPMODE0
Table 22. Playback Port Control Register Bit Descriptions
Bit Name
Description
CLKSRC[1:0]
Selects the clock source for generating the ILRCLK and IBCLK.
00 = Input port is a slave.
01 = Recovered PLL clock.
10 = Internal Clock 1.
11 = Internal Clock 2.
SPMODE[2:0]
Selects the serial format of the playback port.
000 = Left-justified.
001 = I2S.
100 = 24-bit, right-justified.
101 = 20-bit, right-justified.
110 = 18-bit, right-justified.
111 = 16-bit, right-justified.
Auxiliary Input Port—Address 0000101 (0x05)
Table 23. Auxiliary Input Port Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
CLKSRC1
CLKSRC0
SPMODE2
SPMODE1
SPMODE0
Table 24. Auxiliary Input Port Register Bit Descriptions
Bit Name
Description
CLKSRC[1:0]
Selects the clock source for generating the IAUXLRCLK and IAUXBCLK.
00 = Input port is a slave.
01 = Recovered PLL cock.
10 = Internal Clock 1.
11 = Internal Clock 2.
SPMODE[2:0]
Selects the serial format of auxiliary input port.
000 = Left-justified.
001 = I2S.
100 = 24-bit, right-justified.
101 = 20-bit, right-justified.
110 = 18-bit, right-justified.
111 = 16-bit, right-justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61