| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISC-1310FR-SS-SC Datasheet(PDF) 5 Page - ORing Industrial Networking Corp |
|
|
|||||||||||||||||||||||||||||
ISC-1310FR-SS-SC Datasheet(HTML) 5 Page - ORing Industrial Networking Corp |
|
5 / 5 page ![]() * All specifications are subject to change without notice. Designed for Rugged Excellence Shock IEC60068-2-27 Free Fall IEC60068-2-31 Vibration IEC60068-2-6 Warranty 5 years Ordering Information ISC- ABCDEF Code Definition Serial port number Serial Type Converter port number Converter Type Other type Additional function Option - 1 : 1 port - 1 : RS-232 - 2 : RS-422/485 - 3 : RS-232/422/485 - 1 : 1 port - 0 : other type - 1 : RS-232 - 2 : RS-422/485 - 3 : RS-232/422/485 - F : Fiber - R : Ring mode Available Model Model Name Description ISC-1310FR-MM-SC Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, SC, multi-mode, 5Km/850nm ISC-1310FR-SS-SC Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, SC, single-mode, 40Km/1310nm ISC-1310FR-MM-ST Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, ST, multi-mode, 5Km/850nm ISC-1310FR-SS-ST Industrial Serial Media Converter ,1-port RS-232/422/485 to Fiber, ST, single-mode, 40Km/1310nm Accessories Fiber Patch Cord Packing List O ISC-1310FR x 1 DIN-Rail Kit x 1 Wall-mount Kit x 1 Quick Installation Guide x 1 FPC-SCST-MM3M FPC-SCST-SS3M FPC-SCSC-MM3M FPC-SCSC-SS3M |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |