| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPS51 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LPS51 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH |
|
1 / 3 page ![]() www.roithner-laser.com 1 CW405-01 • Violet Laser Diode Module • 405 nm, <1 mW • Automatic Power Control • Wide Input Voltage Range (3-5 VDC) • Fix Focus Acryl Lens Description CW405-01 is a compact size fix collimated laser diode module with a typical emission wavelength of 405 nm, and an optical output power of <1 mW. It features automatic power control (APC) driving electronics for stable operation, and supports a wide input voltage range (3-5 VDC). CW405-01 comes equipped with a coaxial power connector. A matching power supply and suitable heat sink is optionally available for quick setup and convenient operation (see page 3 for details). Maximum Ratings (TCASE = 25°C) Parameter Values Unit Min. Max. Operating temperature + 10 + 50 °C Storage temperature - 20 + 80 °C Electro-Optical Characteristics (TCASE= 25°C) Parameter Values Unit Min. Typ. Max. Peak Wavelength 400 405 410 nm Radiated Power 1 mW Beam diameter at aperture 2 x 4 mm Beam divergence 1.0 mrad Operating Current 70 mA Supply Voltage 3 5 VDC Material body aluminium, black anodized Material lens acryl Dimensions Ø 12 x 20 (40) mm Connector IEC 60130-10, Type A, 5.5/2.1 mm MTTF 5000 h rev.2.0 18.11.15 |
Número de pieza similar - LPS51 |
|
Descripción similar - LPS51 |