| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KBPC1504 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
KBPC1504 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
1 / 2 page ![]() KBPC15005 THRU KBPC1510 SILICON BRIDGE RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 15.0 Amperes Case:Metal case Terminals: Plated 0.25” (6.35mm)lug. Polarity: Polarity symbols marked on case Mounting:Thru hole for #8 screw,20in.-lbs. torque max. Weight:1.02 ounce, 29 grams FEATURES MECHANICAL DATA KBPC-25 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS NOTES: 1.Unit mounted on 5” x 4” x3” thick(12.8cmx10.2cmx7.3cmcm)Al.plate. 2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #8 screw. The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Ideal for printed circuit boards Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260 C/10 seconds,5 lbs. (2.3kg) tension Dimensions in inches and (millimeters) 300.0 373 10 1.0 2500 2.0 -65 to +150 -65 to +150 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 15 KBPC 15005 KBPC 1501 KBPC 1502 KBPC 1506 KBPC 1508 KBPC 1510 KBPC 1504 VOLTS VOLTS VOLTS SYMBOLS UNITS Amps Amps Volts VRRM VRMS VDC I(AV) IFSM Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TC=55 C (Note 1,2) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum instantaneous forward voltage dorp per bridge element at 7.5A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Isolation voltage from case to leads Typical Thermal Resistance (Note 2) Operating junction temperature range storage temperature range A µ C I t VISO R θJA TJ TSTG C/W mA IR C VAC A s 2 2 VF 1.1 Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. .452 (11.5) MAX. 0.480(12.2) 0.425(10.8) 1.181(30.0) 1.102(28.0) 0.673(17.1) 0.633(16.1) HOLE FOR NO.8 SCREW 0.033x0.250 (0.8x6.4) 1.181(30.0) 1.102(28.0) 0.673(17.1) 0.633(16.1) 0.582(14.8) 0.543(13.8) 0.732(18.6) 0.692(17.6) AC AC - + MDD Catalog Number |
Número de pieza similar - KBPC1504 |
|
Descripción similar - KBPC1504 |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |