| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBYT03-40 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMBYT03-40 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() Symbol Test Conditions Min. Typ. Max. Unit VF * Tj = 25 °CIF = 3 A 1.5 V Tj = 100 °C 1.05 1.4 IR ** Tj = 25 °CVR = VRRM 10 µA Tj = 100 °C 0.2 0.6 mA Pulse test : * tp = 380 µs, duty cycle < 2 % ** tp = 5 ms, duty cycle < 2 % ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS Symbol Test Conditions Min. Typ. Max. Unit trr Tj = 25 °CIF = 0.5A IR = 1A Irr = 0.25A 25 ns IF = 1A VR = 30V dIF/dt = -15A/ µs 60 RECOVERY CHARACTERISTICS Symbol Test Conditions Min. Typ. Max. Unit tIRM VCC = 200V IF = 3A Lp ≤ 0.05µH Tj = 100 °C dIF/dt = -50A/ µs 35 50 ns IRM 1.5 2 A To evaluate the conduction losses use the following equation : P = 1.1 x IF(AV) + 0.08 x IF 2 (RMS) TURN-OFF SWITCHING CHARACTERISTICS (Without serie inductance) Voltage (V) 200 300 400 Marking C2 C3 C4 Laser marking Logo indicates cathode SMBYT03 2/5 |