| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1012MH Datasheet(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1012MH Datasheet(HTML) 6 Page - Linear Technology |
|
6 / 20 page ![]() 6 LT1012A/LT1012 sn1012 1012afbs LT1012AC LT1012C SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage q 20 60 20 100 µV (Note 3) q 30 160 30 200 µV Average Temperature Coefficient of q 0.2 0.6 0.2 1.0 µV/°C Input Offset Voltage IOS Input Offset Current q 25 230 35 230 pA (Note 3) q 40 300 45 300 pA Average Temperature Coefficient of q 0.3 2.5 0.3 2.5 pA/ °C Input Offset Current IB Input Bias Current q ±35 ±230 ±35 ±230 pA (Note 3) q ±50 ±300 ±50 ±300 pA Average Temperature Coefficient of q 0.3 2.5 0.3 2.5 pA/ °C Input Bias Current AVOL Large-Signal Voltage Gain VOUT = ±12V, RL ≥ 10kΩ q 200 1500 150 1500 V/mV VOUT = ±10V, RL ≥ 2kΩ q 200 1000 150 800 V/mV CMRR Common Mode Rejection Ratio VCM = 13.5V q 110 130 108 130 dB PSRR Power Supply Rejection Ratio VS = ±1.3V to ± 20V q 110 128 108 128 dB Input Voltage Range q ±13.5 ±13.5 V VOUT Output Voltage Swing RL = 10kΩ q ±13 ±14 ±13 ±14 V IS Supply Current q 400 600 400 800 µA The q denotes the specifications which apply over the full operating temperature range of 0 °C ≤ TA ≤ 70°C. VS = ±15V, VCM = 0V, unless otherwise noted. ELECTRICAL CHARACTERISTICS |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |